Part Number Hot Search : 
GSWX26 70022 560M20 21265 U2538B GSE1K5 560M20 NCP1601B
Product Description
Full Text Search
 

To Download SB170 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB120 - SB1B0
PRV : 20 - 100 Volts IO : 1.0 Ampere
FEATURES :
* * * * * * * High current capability High surge current capability High reliability High efficiency Low power loss Low forward voltage drop Low cost
SCHOTTKY BARRIER RECTIFIER DIODES
DO - 41
1.00 (25.4) MIN.
0.107 (2.74) 0.080 (2.03)
0.205 (5.20) 0.160 (4.10)
0.034 (0.86) 0.028 (0.71)
1.00 (25.4) MIN.
MECHANICAL DATA :
* Case : DO-41 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.312 gram Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current 0.375", 9.5mm Lead Length See Fig.1 Maximum Peak Forward Surge Current, 8.3ms single half sine wave Superimposed on rated load (JEDEC Method) TL = 75C Maximum Forward Voltage at IF = 1.0 A (Note 2) Maximum Reverse Current at Rated DC Blocking Voltage (Note 1) Typical Thermal Resistance (Note 2) Junction Temperature Range Storage Temperature Range Ta = 25 C Ta = 100 C
SYMBOL
VRRM VRMS VDC IF(AV)
SB SB SB SB SB SB SB SB SB UNIT 120 130 140 150 160 170 180 190 1B0
20 14 20 30 21 30 40 28 40 50 35 50 60 42 60 1.0 70 49 70 80 56 80 90 63 90 100 70 100 V V V A
IFSM VF IR IR(H) RJL TJ TSTG - 40 to + 125 10 0.5
40 0.7 0.5 5.0 15 - 65 to + 150 - 65 to + 150 0.79
A V mA mA C/W C C
Notes :
(1) Pulse Test : Pulse W idth = 300 s, Duty Cycle = 2%. (2) Thermal Resistance from junction to lead, PC board Mounting with 0.375" (9.5mm) Lead Lengths.
Page 1 of 2
Rev. 01 : January 10, 2004
RATING AND CHARACTERISTIC CURVES ( SB120 - SB1B0 )
FIG.1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, AMPERES
1.25 SB150 THRU SB1B0 SB120 SB130 SB140
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
50
1.00
PEAK FORWARD SURGE CURRENT, AMPERES
150 175
40
0.75
30
0.50
20
0.25
10
0
0
25
50
75
100
125
0
1
2
4
6
10
20
40
60
100
LEAD TEMPERATURE, (C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
20
FIG.4 - TYPICAL REVERSE CHARACTERISTICS REVERSE CURRENT, MILLIAMPERES
10 TJ= 100 C
FORWARD CURRENT, AMPERES
10
SB120 SB130 SB140
SB180 SB190 SB1B0
1.0
1.0
SB150 SB160 SB170
0.1
TJ = 25 C
TJ = 25 C PULSE W IDTH = 300s DUTY CYCLE = 2% 0.1 0.1
0.01 0 20 40 60 80 100 120 140
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
PERCENT OF RATED REVERSE VOLTAGE, (%)
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 01 : January 10, 2004


▲Up To Search▲   

 
Price & Availability of SB170

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X